PART |
Description |
Maker |
ATMEGA1280 ATMEGA640 |
128-Kbyte self-programming Flash Program Memory, 8-Kbyte SRAM, 4-KByte EEPROM, 16 Channel 10-bit A/D ATmega640/1280/1281/2560/2561 Advance Information Summary
|
ATMEL
|
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA162 ATMEGA162L ATMEGA162V |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 MHz. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 1 MIPS throughput at 1 MHz.
|
Atmel
|
P87CL881H P87CL881H_000 P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
Philips Semiconductors
|
ST10F273Z4Q3 ST10F273Z4T3 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
ST10F271B ST10F271E |
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
|
STMicroelectronics
|
ST10F272Z2 ST10F272Z208 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F276_06 ST10F276 ST10F276Z5Q3 ST10F276Z5T3 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
ST10F276E ST10F276R-6Q3 |
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
BUT102 |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 晶体管|晶体管|进步党| 300V五(巴西)总裁| 50A条一(c)|
|
STMicroelectronics N.V.
|
SLE66C40S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 4-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 4KB EEPROM))
|
SIEMENS AG
|