PART |
Description |
Maker |
BC807 BC807-40 BC807-16 BC807-25 BC807_3 BC807/T1 |
PNP general purpose transistor From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO, BusTrace, AUD
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
CA3252 CA3252E CA3252M |
SH2 Series, 7145 Group, Two ADC circuits, 5-ch 16-bit MTU, 2-ch CMT, UBC, AUD FP-144F; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLQP0144KB-A 四门控非反相功率驱动 Quad Gated Non-Inverting Power Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC145483 |
3V 13-Bit Linear PCM Codec-Filter MC145483 3 V 13-Bit Linear PCM Codec-Filter
|
Motorola, Inc.
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
CA3242E CA3242 |
Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load SH2 Series, 7144 Group, Two ADC circuits, 5-ch 16-bit MTU, 2-ch CMT, UBC, AUD FP-112B; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PRQP0112JB-A 四门控逆变电源的驱动器的接口低级别逻辑高电流负
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AD1856 |
16-Bit PCM Audio DAC
|
Analog Devices
|
CS61581-IL |
High Bandwidth CMOS 12-Bit Serial Interface Multiplying D/A Converter DATACOM, PCM TRANSCEIVER, PQCC28
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|