PART |
Description |
Maker |
X60008XIS8-41 X60008E-41 X60008EIS8-41 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:46; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight Precision 4.096V FGA Voltage Reference IC V-REF PRECISION 4.096V 8 pin SOIC
|
INTERSIL[Intersil Corporation]
|
MCP152505 MCP1541 MCP1525 MCP1525-I/P MCP1525-I/TO |
2.5V and 4.096V Voltage References MCP1525 is a low power, high precision voltage reference. It provides a precise output voltage of 2.5V which is then compared to ... MCP1541 is a low power, high precision voltage reference. It provides a precise output voltage of 4.096V which is then compared to ...
|
MICROCHIP[Microchip Technology]
|
ISL71091SEH40 |
4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
|
Intersil
|
MAX6250BCSAT |
Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8
|
Maxim Integrated Products, Inc.
|
LX1004CLP-25 LX1004 LX1004CDM-12 LX1004CDM-25 LX10 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES 1.2V 1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES Voltage Reference - Micropower Analog IC 模拟IC
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] 3M Company
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1798CS8 LTC1798CMS8 LTC1798CMS8-5 LTC1798CMS8-4 |
Micropower Low Dropout References(4.1V杈??,寰?????浣??宸?ǔ???) Micropower Low Dropout References(3V输出,微功耗,低压差稳压器) 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 Micropower Low Dropout References(2.5V输出,微功耗,低压差稳压器) Micropower Low Dropout References(4.1V输出,微功耗,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AME8510AEEVAFE22 AME8510AEEVBFX23 AME8510AEEVCFX23 |
Threshold voltage: 2.19V; micropower uP watch dog timer Threshold voltage: 2.32V; micropower uP watch dog timer Threshold voltage: 2.63V; micropower uP watch dog timer Threshold voltage: 2.93V; micropower uP watch dog timer Threshold voltage: 4.63V; micropower uP watch dog timer Threshold voltage: 4.38V; micropower uP watch dog timer Threshold voltage: 3.08V; micropower uP watch dog timer
|
AME
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
A3212LUA-T A3212 A3212EEHLT A3212EEHLT-T A3212EELL |
MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH 微功耗,超灵敏霍尔开关外汇FECT 3212 Micropower, Ultrasensitive Omnipolar Hall-Effect Switch
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
LT1109A-12 LT1109-12 LT1109 LT1109CS8-12TRPBF |
From old datasheet system Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V Micropower Low Cost DC/DC Converter-Fixed 12V Micropower DC/DC Converter Flash Memory VPP Generator, Fixed 12V
|
LINEAR TECHNOLOGY CORP
|
NJU7051 NJU7051D NJU7051M NJU7051V NJU7052 NJU7052 |
10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 低输入失调电压的C - MOS运算放大 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|