PART |
Description |
Maker |
6F80 12F 12F10 12F100 12F100B 12F10B 12F120 12F120 |
V(rrm): 1200V; 12A diffused silicon rectifier diode. For general pusposes: for battery chargers, converters, power supplies, machine tool controls 6,12 and 16 Amp Diffused Silicon Rectifier Diodes
|
IRF[International Rectifier]
|
1GU42 |
RECTIFIER SILICON DIFFUSED TYPE HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
|
TOSHIBA
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
SKD146-L100 SKD146_12-L100 SKD146_16-L100 SKD146/1 |
Transistor; Type: Amplifiers/Bipolar; VCEO (V): 12; Ic (A): 0.075; Pc (W): 0.7; hFE: 100 to 200; fT (GHz) typ: 7.8; Cob (pF) max: 0.9; NF (dB) typ: 1; Package: MPAK Transistor; Type: Amplifiers/Bipolar; VCEO (V): 4; Ic (A): 0.035; Pc (W): 0.05; hFE: 70 to 150; fT (GHz) typ: 20; Cob (pF) max: 0.15; NF (dB) typ: 1.15; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
SW08CXC300 SW12CXC300 SW58CXC620 SW42CXC680 SW30CX |
650 A, 800 V, SILICON, RECTIFIER DIODE 650 A, 1200 V, SILICON, RECTIFIER DIODE 1520 A, 5800 V, SILICON, RECTIFIER DIODE 1610 A, 4200 V, SILICON, RECTIFIER DIODE 5100 A, 3000 V, SILICON, RECTIFIER DIODE 5100 A, 3200 V, SILICON, RECTIFIER DIODE 1030 A, 3600 V, SILICON, RECTIFIER DIODE 2050 A, 2800 V, SILICON, RECTIFIER DIODE 1860 A, 4000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
1S1829 1S1886 |
RECTIFIER SILICON DIFFUSED TYPE
|
TOSHIBA
|
U05G4B48 U05B4B48 U05J4B48 |
Silicon Diffused Type Rectifier Stack
|
GOOD-ARK[GOOD-ARK Electronics]
|
S5688G |
(S5688x) Rectifier Silicon Diffused Type
|
Toshiba Semiconductor
|
S5688B S5688G S5688J S5688N |
TOSHIBA Rectifier Silicon Diffused Type
|
Toshiba Semiconductor
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
12F10B |
6,12 and 16 Amp Diffused Silicon Rectifier Diodes 6,126安培扩散硅整流二极管
|
International Rectifier, Corp.
|
|