PART |
Description |
Maker |
5352069-4 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); Z-PACK/B25 RAF 125P ( AMP )
|
Tyco Electronics
|
5100623-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); Z-PACK/A RAF 110P ( AMP )
|
Tyco Electronics
|
5100668-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); Z-PACK M.ASSY.154P. ( AMP )
|
Tyco Electronics
|
MT8962AE |
DRIVER, T HANDLE, HEXAGON, 2MM; AF size, Metric:2mm; Length, blade:100mm; Weight:28g; Width, AF:2.0mm RoHS Compliant: NA
|
Mitel Networks Corporation
|
35557-2610 |
7.50mm (.295) Pitch Hard Metric Hybrid Male Housing, Vertical, 6-Ports, 6 Circuits
|
Molex Electronics Ltd.
|
RU4DS RH4F RG2A2 RS4FS RH2D RC3B2 RU4D FMP-G5HS FM |
Damper Diodes . Shield Bonded between Polyester Outer & Polyethylene Inner Layers RoHS Compliant: NA CONN 24POS 2MM SOCKET R/A PC MT SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:5m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes 3M 150220-6002TB SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:2m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes CONN 24POS 2MM SOCKET STR PC SMD CONN 20POS 2MM SOCKET VERT PC MT Wire-To-Board Connector; No. of Contacts:20; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 阻尼二极 Hard Hat; Color:Red; Pack Quantity:1 RoHS Compliant: NA 阻尼二极 Fast-Recovery Rectifier Diodes (1300V and over)
|
List of Unclassifed Man... Unknow http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Sanken
|
FDC40-24S12 FDC40-12S05 FDC40-24D12 FDC40-12D15 FD |
CONN,HEADER,GPFA202-0255A07, 2mm,4 CKT,2 ROW,VERTICAL,15u"A CONN,HEADER,GPFA202-0355A07, 2mm,6 CKT,2 ROW,VERTICAL,15u"A PLCC,SMT SOCKET,68-PIN 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0655A07, 2mm,12 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 Isolated and Regulated 40 WATT Modular DC/DC Converters 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0855A07, 2mm,16 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,IDC,PLUG,50 CONTACTS, 1A,SHROUDED W/O EARS 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-2555A07, 2mm,50 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 SOCKET,PLCC,44PIN,SMD 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0755A07, 2mm,14 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0555A07, 2mm,10 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块DC / DC转换 CONN,HEADER,GPFA202-2055A07, 2mm,40 CKT,2 ROW,VERTICAL,15u" 隔离及规40瓦的模块式DC / DC转换
|
Astrodyne, Inc.
|
REL-IR-4L-230AC |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test button, status LED, mechanical switch setting display, coil voltage: 230 V AC
|
PHOENIX CONTACT
|
CA56-21GWA CA56-21 CC56-21 CC56-21EWA CA56-21YWA C |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes PC Board Connector; No. of Contacts:40; Pitch Spacing:0.05"; Mounting Type:PCB Right Angle Thru Hole; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 14.2MM 4位数的显示展 D Subminiature Connector; Gender:Female; Number of Contacts:36; Contact Termination:PC Board; Body Material:Steel; Contact Plating:Gold Over Nickel; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 14.2MM FOUR DIGIT NUMERIC DISPLAYS
|
Electronic Theatre Controls, Inc. ETC Kingbright Electronic
|
ISL70001SEH ISL70001SRHEVAL1Z ISL70001SRHF ISL7000 |
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
|
Intersil Corporation
|
|