PART |
Description |
Maker |
3100-15V14999 3100-15V18999 3100-15V1999 3100-15V2 |
Contactors; 3100-15Q14999=CONTACTOR ( Products Unlimited ) Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
|
Tyco Electronics
|
DMS-3100DC004 |
WaveReady 3100 WaveReady垄芒 3100
|
JDS Uniphase Corporation
|
LC1-D50 LC1-D80 LC2-D50 LC2-D65 LC2-D80 LC2-D95 LC |
CONTACTORS / REVERSING CONTACTORS
|
List of Unclassifed Manufacturers
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LC1-D0900XX LC1-D0901XX LP2-D0901XX LP2-D1201XX LP |
Contactors
|
Telemecanique
|
100S-D140X22C 100S-D140X33LC 100S-D300X22C 100S-D1 |
Safety Contactors
|
Allen-Bradley
|
199-MSMA1 199-MSMAXX |
(199-MSMxx) Contactors
|
ETC
|
NA-1429 |
BLS6G3135-120 at 3100-3500 MHz
|
NXP Semiconductors
|
LRD3357 LRD3359 LRD14 LRD10 LRD01 LRD02 LRD03 LRD0 |
TeSys? IEC Contactors and Starters
|
List of Unclassifed Manufacturers
|
3100-20U18999CL 3100-15V2999CL 3100-20U6999 |
Contactors Convenient mounting plate
|
Tyco Electronics TE Connectivity Ltd
|
3134-65M |
65Watts, 34 Volts, 200us, 10% Radar 3100-3400 MHz
|
Microsemi Corporation
|
SI-3050N SI3120N SI3150N |
(SI-3100 Series) 3-Terminal / Full-Mold / Low Dropout Voltage Dropper Type
|
Allegro Microsystems
|