PART |
Description |
Maker |
14600 |
Header / Box Receptacle - PCB Mount
|
Framatome Connectors International
|
15-24-4557 02-08-1202 15-24-4048 15-24-4745 15-24- |
PCB Vertical Header and Receptacle
|
MolexKits
|
90325-7006 90325-7008 90325-7010 90325-7012 90814- |
SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
|
MolexKits
|
15-92-3050 15-92-3068 |
50 CKT .025 RC EBBI RECEP MS716603050 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE PCB Header; Number of Contacts:68; Pitch Spacing:0.05"; Number of Rows:2; Gender:Receptacle; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Gold; Current Rating:1A; Housing Style:Right-Angle
|
Molex, Inc. MOLEX INC
|
ZP7-10-SS-G ZP7-36-SS-G ZP7-68-SS-G ZP7-20-SS-G ZP |
180隆? SMT - Dual Row Box Header 180° SMT - Dual Row Box Header
|
Yamaichi Electronics Co., Ltd.
|
SAB9083 SAB9083_2 SAB9083H |
Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:14-35 Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:14-35 From old datasheet system Multistandard Picture-In-Picture PIP controller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
2N690 2N683 2N689 2N691 2N5205 2N5206 2N685 2N5204 |
800V 16A Phase Control SCR in a TO-208AA (TO-48) package 500V 16A Phase Control SCR in a TO-208AA (TO-48) package 150V 16A Phase Control SCR in a TO-208AA (TO-48) package 600V 16A Phase Control SCR in a TO-208AA (TO-48) package (ENG) 2520-5002UG 2X10 PIN RA TARPON, 29-02-00 HEADER ASSY PIN 16 HEADER, 16 PIN, R/A MALE, LOW PRO CONN HDR 16POS STRGT PCB 4 WALL BOX 2516-6003UB 3M (2N681 -2N692) 25 AND 35 AMP RMS SCRS CON/ 14MP HRS SO T S 20 POS SHROUDED HEADER RT ANGLE 25日和35安培均方根可控硅
|
IRF[International Rectifier] KNOX[Knox Semiconductor, Inc] Knox Semiconductor Inc International Rectifier, Corp.
|
15-24-7140 39-00-0039-C 39-00-0041-C 15-24-6040 15 |
Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
|
MolexKits
|
0194270012 0194270012-18 |
5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 12Circuits
|
Molex Electronics Ltd.
|
D38999-21 |
Box Mount Hermetic Receptacle
|
Glenair, Inc.
|
BHR-XX-VUA-SMT-10-P-PP-TR |
BOX HEADER
|
Adam Technologies, Inc.
|