PART |
Description |
Maker |
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
MAX8873 MAX8873REUK-T MAX8873SEUK-T MAX8873T MAX88 |
From old datasheet system Low-Dropout 120mA Linear Regulators Low-Dropout, 120mA Linear Regulators Low-Dropout / 120mA Linear Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
NCV8503PWADJ NCV8503PWADJR2 NCV8503 NCV8503PW25 NC |
Micropower 400mA LDO Linear Regulators with ENABLE, DELAY, Adjustable /RESET, and General Use Comparator From old datasheet system Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, PDSO16
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
LT1764 LT3021 LT1761 LT1963A LT1962 LT3080 LT3080- |
3μA IQ, 20mA, 45V Low Dropout Linear Regulators 1.5A, Low Noise, Negative Linear Regulator 3μA IQ, 20mA, 45V Low Dropout Linear Regulators
|
Linear Technology
|
3-540-068 3660038000 3761021000 |
BOX SEALED ABS ((NS)) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GEHAEUSE惠益分享德克尔马格劳122X120X40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GEHAEUSE惠益分享德克尔马运输200X120X60
|
CTS, Corp. Air Cost Control
|
MAX1725 MAX1725EUK-T MAX1725-MAX1726 MAX1726 MAX17 |
12V / Ultra-Low IQ / Low-Dropout Linear Regulators 12V Ultra-Low IQ Low-Dropout Linear Regulators 12V, Ultra-Low IQ, Low-Dropout Linear Regulators Replaced by TMS320VC5506 :
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
4016505 4006203 4006202 4006201 4665000 4565000200 |
MITRE JOINT TYPE 2 FOR S40 TEE NUTS N-M6 FOR S30 TEE NUTS N-M5 FOR S30 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100 2M LENGTH S40 CONNECTOR L FOOT M10 S40 CONNECTION FOOT M8 FOOT M12 S80 CONNECTION F40X120 2M LENGTH F100X100 CON. PLATE M12 TEE NUTS F-M4 FOR S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FR30接线 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100脚节能。板头M8 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 脚连接板M10驱 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 尖括 S30 BASE ANGLE FOR S40 底角的S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 一S80最适合切割成一定长 F40G CUT TO LENGTH F40G切成需要的长度
|
TE Connectivity, Ltd. Amphenol, Corp. Henkel Corporation / Loctite NXP Semiconductors N.V. Glenair, Inc. Avago Technologies, Ltd. Harwin PLC
|
SGM2006A |
Linear Regulators
|
Shengbang Microelectronics
|
SGM2024 |
RF-Linear Regulators
|
SG Micro Corp
|
IRU1237SC IRU1237SCCP IRU1237SCCPTR |
Three Integrated Fixed Output LDO Linear Regulator in a ULTRA THIN-PAK 7-Leads package THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
|
IRF[International Rectifier]
|