PART |
Description |
Maker |
N08T1630CXB |
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K x 16 bit
|
NanoAmp Solutions
|
N08L083WC2C |
8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K x 8 bit
|
NanoAmp Solutions
|
N08M163WL1AD-70I N08M163WL1A N08M163WL1AB N08M163W |
8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
|
NANOAMP[NanoAmp Solutions, Inc.]
|
A0A19 |
Super Low Power Slow SRAM - 8Mb
|
Hynix Semiconductor
|
AUK11Y48 AUK06A48 AUK09F48 AUK10G48 AUK11M48 AUK11 |
DC-DC / Ultra Low Profile Isolated 30w Ultra Low Profile - 4.4mm 30 Watts Embedded Power
|
ASTEC[Astec America, Inc] Emerson Network Power http://
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
GS881Z18AT-133 GS881Z18AT-133I GS881Z18AT-150 GS88 |
133MHz 8.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 150MHz 7.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 166MHz 7ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 200MHz 6.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 225MHz 6ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 250MHz 5.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM
|
GSI Technology
|
IC62VV25616LL IC62VV25616L IC62VV25616LL-70TI IC62 |
OSC 5V 14PIN TTL 256Kx161.8V和超低功耗CMOS静态RAM 256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 256Kx161.8V和超低功耗CMOS静态RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 70ns; 1.8V; 256K x 16 ultra low power CMOS static RAM
|
Integrated Circuit Solu... Fuji Electric Holdings Co., Ltd. ICSI[Integrated Circuit Solution Inc]
|
MAX6826 MAX6827 MAX6828 MAX6829 MAX6831 MAX6830 MA |
Vcc1: 3.3 V, Vcc2: 1.2 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1: 3.3 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer 2.63 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer 低电压、双电源监控复位电路 From old datasheet system 16-Bit Shift Registers 28-LCCC -55 to 125 4-By-4 Register Files With 3-State Outputs 16-CDIP -55 to 125 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 SOT-23, 6 PIN Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 2.32 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1:1.8 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
2SB1628 2SB1628ZX 2SB1628-ZX-AZ |
3 A, 16 V, PNP, Si, POWER TRANSISTOR 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits Low-VCE(sat) bipolar transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
|
Omron Electronics, LLC NEC Corp.
|
OM5304ST OM5301DT OM5301RT OM5301ST OM5302DT OM530 |
20 AMP ULTRA FAST, ULTRA LOW FORWARD VOLTAGE CENTER-TAP POWER RECTIFIER
|
List of Unclassifed Manufacturers ETC[ETC] List of Unclassifed Man...
|