PART |
Description |
Maker |
MRF9030MR1 |
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET, TO-270AA
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
STR5A164D |
Off-Line PWM Controllers with Integrated Power MOSFET
|
Sanken electric
|
STRM6511 STR-M6511 |
OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
|
ALLEGRO[Allegro MicroSystems]
|
MRF160 MRF160-15 |
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
MRF286S MRF286 |
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors
|
Motorola, Inc
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
3EHT111 15EHT6 |
High Performance RFI Power Line Filters for Medical Equipment Power Line HT Series
|
Tyco Electronics
|
MRF136 MRF136-15 |
The RF MOSFET Line The RF MOSFET Line 15W, to 400MHz, 28V
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRF1404SPBF IRF1404LPBF IRF1404STRLPBF IRF1404SPBF |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 75 A, 40 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Advanced Process Technology
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FS70UM-06 |
Bench Power Supply; Output Voltage:13.8VDC; Output Current:4A; Output Power Max:185W; Number of Outputs:1; Calibrated:No; Line Regulation Constant Voltage:Less Than or Equal to 130 mV 高速开关使 1682A CALIBRATED BY NIOS Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors] MITSUBISHI[Mitsubishi Electric Semiconductor]
|
|