PART |
Description |
Maker |
STE2002DIE2 STE2002DIE1 |
0.5mm Pitch DIL Vertical SMT Female Assembly, 1.5mm height, location pegs, hold-down tabs, tin, 15 15-way, Tape & Reel packing 81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
|
意法半导
|
M52-5110945 111245 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 12 12-way
|
Harwin PLC HARWIN INC
|
M50-3600542 |
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
|
List of Unclassifed Man...
|
M60-6041045 |
0.8mm Pitch DIL Vertical SMT Socket Assembly, location pegs, 4mm height, gold, 10 10-way
|
Harwin
|
SU13 SU16 SU15 SU11 SU12 SU14 |
2.00mm Pitch DIL Vertical SMT Pin Header, tin, pick & place (tube packing), 8 8-way POWER RECTIFIERS(1.0A,50-400V)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M50-3112542 M50-3113542 M50-3111242 M50-3115042 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 35 35-way 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 12 12-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 30 30-way 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M403-8355445R M403-8354045R |
0.4mm Pitch DIL Vertical SMT Male Assembly, 0.65mm height, gold, 27 27-way, Tape & Reel packing 54 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 0.4mm Pitch DIL Vertical SMT Male Assembly, 0.65mm height, gold, 20 20-way, Tape & Reel packing 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
47659-1001 |
0.50mm (.020) Pitch HDMI Receptacle, Vertical, Mounted Height 8.5mm (.335), SMT, 0.38um (15u) Gold (Au)
|
Molex Electronics Ltd.
|
M80-5123842 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 19 19-way 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-4012601 M80-4013405 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with jackscrews, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-8274406 M80-8272042 M80-8272045 M80-8272046 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - FRICTION LATCH
|
Harwin Plc
|
|