PART |
Description |
Maker |
AT89S51-33AC AT89S51-33JC AT89S51-33PC AT89S51-33S |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|
ATMEGA329V0611 ATMEGA3290V-16AI ATMEGA3290V-16AU A |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP100 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC64
|
Atmel Corp. Atmel, Corp.
|
ATMEGA162V-8PI ATMEGA162V-8AI ATMEGA162-16MI ATMEG |
8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|
ATTINY20-14 |
8-bit AVR Microcontroller
|
ATMEL Corporation
|
ATXMEGA128A3 ATXMEGA128A3-AU ATXMEGA128A3-MH ATXME |
8/16-bit AVR XMEGA A3 Microcontroller
|
ATMEL Corporation
|
TINY15L |
8-bit AVR Microcontroller with 1K Byte Flash
|
ATMEL Corporation
|
ATMEGA128RFA1 |
AVR Microcontroller And Best-in-class 2.4GHz RF Transceiver
|
Atmel Corporation
|
ATTINY1634-14 |
8-bit AVR Microcontroller with 16KB In-system
|
ATMEL Corporation
|
ATTINY40-MMH ATTINY40-MMHR ATTINY40-SU ATTINY40-SU |
8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDSO20 4.40 MM, GREEN, PLASTIC, MO-153AC, TSSOP-20
|
ATMEL Corporation Atmel, Corp.
|
EKK8011 10G050-2C 10G050-2L 10G103-3X 10G102-3X HD |
Low-Voltage, Single Supply, SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Interface IC Logic IC IC MCU 8BIT 40/20MHZ 44-PLCC 8-BIT MICROCONTROLLER Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 Quad 2-Input OR Gate; ; Package: Die (Military Visual) Microcontroller 微控制器 MCU AVR 32KB FLASH 20MHZ 44TQFP 微控制器 IC FLASH CONFIG 8M 44PLCC H8S/2623系列H8S/2626系列硬件手册 MCU AVR 32KB FLASH 44QFN
|
Maxim Integrated Products, Inc. Hitachi,Ltd. Intel, Corp.
|
AT90LS2343-4PC AT90LS2343-4PI AT90LS2343-4SC AT90L |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash LED GREEN DIFFUSED LEVEL METER LED GREEN 7-ELEMENT ARRAY LED AMBER 7-ELEMENT ARRAY -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO8 LED RED 7-ELEMENT ARRAY 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
|