PART |
Description |
Maker |
AT32UC3A0512-ALTES AT32UC3A0128-ALUR AT32UC3A0256- |
AVR32 32-Bit Microcontroller
|
ATMEL Corporation
|
AT32UC3L016-AUR |
AVR32 32-bit Microcontroller
|
ATMEL Corporation
|
AT32UC3A0256-CTUR AT32UC3A0256-CTUT AT32UC3A0512-C |
AVR32 32-Bit Microcontroller
|
ATMEL Corporation
|
AT32AP7002 |
AVR32 32-bit Microcontroller
|
ATMEL Corporation
|
AT32AP700109 |
AVR32 32-bit Microcontroller
|
ATMEL Corporation
|
AT32AP70011 |
AVR32 32-bit Microcontroller
|
ATMEL Corporation
|
UPD17225MC-XXX-5A4-A UPD17225CT-XXX UPD17225GT-XXX |
4-BIT, MROM, MICROCONTROLLER, PDSO30 4-BIT, MROM, MICROCONTROLLER, PDIP28 4-BIT, MROM, MICROCONTROLLER, PDSO28 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
|
Renesas Electronics Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
MB89183 MB89PV180CF-105 MB89P185PFM-105 MB89P185PF |
8-bit Proprietary Microcontroller (MB89181 - MB89185) 8-bit Proprietary Microcontroller 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP64 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, CQFP64
|
Fujitsu Component Limit... Fujitsu Media Devices Fujitsu Limited Fujitsu, Ltd. Fujitsu Component Limited.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
MB90F343CESPF MB90F343CE MB90F343CEPF MB90F343CEPF |
16-bit Proprietary Microcontroller CMOS 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP100 16-bit Microcontroller 16-bit Microcontroller
|
Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Media Devices Limited Fujitsu Component Limit...
|