PART |
Description |
Maker |
PE1001-3 |
Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
|
Pasternack Enterprises, Inc.
|
722A |
Jack Socket; Plug Diameter:0.080; Contact Termination:Solder; Leaded Process Compatible:Yes; Number of Contacts:2; Peak Reflow Compatible (260 C):Yes 12V, 5A, 1.93mm DIAMETER, DC POWER PLUG OR JACK
|
Switchcraft, Inc.
|
DR331-2-152 DR331-2-105 DR331-2-102 DR331-2-222 DR |
DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.5µH. Rated Current 2.8 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1000µH. Rated Current 0.07 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.0µH. Rated Current 2.9 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 2.2µH. Rated Current 2.4 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 22µH. Rated Current 0.80 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD
|
DATATRONIC DISTRIBUTION INC
|
10-84-4092 |
6.35mm Pitch MLX?Power Connector, 2.13mm Contact Diameter, Vertical, PA
|
Molex Electronics Ltd.
|
42002-09C2A1 |
6.35mm Pitch MLX?/a> Power Connector, 2.13mm Contact Diameter, Vertical, PCT
|
Molex Electronics Ltd.
|
42002-12C2A1 |
6.35mm Pitch MLX?/a> Power Connector, 2.13mm Contact Diameter, Vertical, PCT
|
Molex Electronics Ltd.
|
0002092101 02-09-2101 1190 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel 2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
0002062132 02-06-2132 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel 1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
2N6478 2N6477 |
Shrink Tubing; Tubing Size Diameter:0.5"; Wall Thickness Recovered Nominal:0.055"; Inner Diameter Max Recovered:0.195"; Expanded Inner Diameter:0.500"; Material:Polyolefin 中功率硅NPN晶体 MEDIUM POWER SILICON NPN TRANSISTORS
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
0553-2-15-01-21-27-10-0 0553-1-15-15-11-84-10-0 05 |
PIN RECEPTACLES for .015 - .020 diameter pins (#11 contact) BERYLLIUM COPPER ALLOY, TIN FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
HDSP-703A HDSP-701G HDSP-701E HDSP-701A |
Low-Cost Molded VRS Sensor, 6,2 mm [0.243 in] diameter, 10 Vp-p, -18 ºC to 60 ºC [0 ºF to 140 ºF], 32 DP (module 0.80) or coarser, 19 mm [0.75 in] approx. length Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] diameter, 10 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 32 DP (module 0.80) or coarser, 25 mm [1.00 in] approx. length Low-Cost Molded VRS Sensor, 11,2 mm [0.438 in] diameter, 17.5 Vp-p, -18 ºC to 930 ºC [0 ºF to 200 ºF], 26 DP (module 0.98) or coarser, 32 mm [1.25 in] approx. length High Resolution VRS Sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length High Resolution VRS Sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length 17.3毫米.68英寸)通用5x7点阵的字母数字显示器
|
HIROSE ELECTRIC Co., Ltd.
|
|