PART |
Description |
Maker |
CE-3101 |
Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter DC to DC Converter, DC-DC Converter
|
TDK Electronics TDK Corporation TDK Semiconductor
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ART2815T ART2812T |
DC to DC Converter DC至DC转换 Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package
|
International Rectifier, Corp.
|
BH2223FV |
Video LSIs > For DVC > Tuning D/A converter 8bit 10ch D/A converter
|
ROHM[Rohm]
|
ZXSC400 ZXSC400E6TA |
LED DRIVER BOOST CONVERTER Multi Cell DC-DC Converter Controller
|
Diodes Incorporated Zetex Semiconductors
|
TSL257 |
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
|
ETC
|
BD7685FJ-LBE2 BD7683FJ-LBE2 BD7684FJ-LB |
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
|
ROHM
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TSI-5.0S4R0P TSI-20 TSI-3.3S3R0 TSI-3.3S3R0F TSI-3 |
DC/DC Converter 直流/直流转换 DC/DC Converter (TSI-20 Series 15/20 Watt)
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
TEN10-1215 TEN10-4823 TEN10-1210 TEN10-1211 TEN10- |
DC/DC Converter TEN 10 Series 10 Watt(52.28 k) DC/DC Converter 直流/直流转换
|
http:// TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
LWD-1205E LWD-1205T LWD-1209E LWD-2405E LWS-1205T |
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|