PART |
Description |
Maker |
EL7584NBSP EL7584 |
DC-DC Converter, 4-Channel, TFT/LCD Applications, VIN =2/14V, VBOOST , VON , VOFF , VCOM , IBOOST 350mA From old datasheet system 4-Channel DC:DC Converter
|
Intersil Corporation
|
CDB4360 CS4360-BZ CS4360-KS CS4360-KZ |
24-Bit/ 192 kHz 6 Channel D/A Converter 24-Bit / 192 kHz 6 Channel D/A Converter 24-Bit, 192 kHz 6 Channel D/A Converter SERIAL INPUT LOADING, 24-BIT DAC, PDSO28
|
Cirrus Logic, Inc.
|
HV507PG HV507X HV507 |
Converter, Other - Datasheet Reference From old datasheet system 300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
|
Supertex Inc SUTEX[Supertex, Inc]
|
AD10201 AD10201AB AD10201/PCB AD10201-15 |
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter AD10201: Dual-Channel. 12-Bit 105 MSPS IF Sampling A/D Converter Data Sheet (Rev. 0. 5/02) Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
|
Analog Devices
|
HV4622PG HV4622PJ HV4622X HV4522 HV4522DJ HV4522PG |
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
|
Supertex Inc SUTEX[Supertex, Inc]
|
FAN8038C |
4 Channel H-Bridge Driver with DC-DC Converter 4-Channel Motor Drive IC
|
Fairchild Semiconductor
|
EN7671A 2SK3738-TL-E 2SK3738-12 EN7671 |
N-Channel JFET, 40V, 50 to 130uA, 0.13mS, SMCP N-Channel Junction Silicon FET Impedance Converter Applications
|
ON Semiconductor Sanyo Semicon Device
|
AD10226/PCB AD10226AB AD10226-15 |
Dual Channel, 12-Bit 125 MSPS IF Sampling A/D Converter ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
|
Analog Devices, Inc.
|
AS1541 AS1541-BTST AS1539-BTST AS1539-BTSU |
8/4-Channel, 10-Bit I漏梅C Analog-to-Digital Converter 8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
|
austriamicrosystems AG
|
MN65702H |
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing PARALLEL, 8 BITS INPUT LOADING, 0.03 us SETTLING TIME, 8-BIT DAC, PQFP48 Low Power 8-Bit 3-Channel CMOS D/A Converter for Image Processing
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
CXA1260Q CXA1260Q-Z |
8-Bit 35MSPS High-Speed RGB D/A Converter(8位5MSPS 高速处理三原色(RGB)的D/A转换 8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
|
SONY[Sony Corporation]
|
MB39A103 |
4-Channel DC/DC Converter IC
|
Fujitsu
|