PART |
Description |
Maker |
ENA1172 LV8761V |
Bi-CMOS LSI Forward/Reverse H-bridge Driver
|
Sanyo Semicon Device
|
TC1279-5ENB TC1278 TC1278-10ENB TC1278-15ENB TC127 |
3-Pin Reset Monitors for 5V Systems 3引脚复位监控器的5V系统 Fast Recovery Power Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):3A; Non Repetitive Forward Surge Current Max, Ifsm:150A; Reverse Recovery Time, trr:50ns; Forward Voltage Max, VF:1V
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
ESD5Z3.3 ESD5Z2.5 ESD5Z5.0 ESD5Z7.0 ESD5Z6.0 |
IC,MOT,MC145484SD, SSOP-20, 5V PCM CODEC-FILTER IC,MOT,MC145028P, DIP-16, DECODER 9 ADDR LINES IC,MC34119D,8-SOIC, LP AUDIO AMP,500mW,16VDC STEPPER MOTOR DRIVER, 0.5A PDIP16 IC,MC34119P,8-DIP, LP AUDIO AMP,500mW,16VDC Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS 瞬态Voltag首页抑制00.5-7.0伏ESD保护
|
WEITRON INTERNATIONAL CO., LTD.
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
SR560 SR5200 SR540 SR550 SR530 |
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes Reverse Voltage - 20 t 200 Volts Forward Current - 5.0 Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Gaomi Xinghe Electronics Co...
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
LB1941 LB1941T |
Brush Motor Drivers iForward/reverse driversj: - Constant Current Forward/Reverse Driver IC for Digital Cameras Monolithic Digital IC
|
SANYO[Sanyo Semicon Device]
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
LV8400V |
Forward/Reverse Motor Driver
|
Sanyo Semicon Device
|
LV8019V LV8019V-TLM-E |
Forward/Reverse Motor Driver
|
ON Semiconductor
|