PART |
Description |
Maker |
ATTINY24V-10MUR ATTINY24V-10SSUR ATTINY84V-10PU AT |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO14 0.150 INCH, GREEN, PLASTIC, MS-012AB, SOIC-14 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP14 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
5962R9858301VXA UT80CRH196KD-WCA UT80CRH196KD-WCC |
16-bit microcontroller: SMD. Lead finish solder. Class V. 20MHz. Total dose 1E5rads(Si0. Microcontroller. Lead finish solder. Microcontroller. Lead finish gold. Microcontroller. Lead finish optional. Microcontroller. Lead finish gold. Prototype.
|
Aeroflex Circuit Technology
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ATTINY167-ESSZ F180C31-40D TSC80C51TXXX-40CAD TS80 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 40 MHz, MICROCONTROLLER, CQCC44
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
CY7C601XX0909 CY7C60113-PVXC |
enCoReII Low Voltage Microcontroller 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDSO28 enCoRe II Low Voltage Microcontroller
|
Cypress Semiconductor
|
MC68HC11K MC68HC11KXXX MC68HC11K1CFN2 MC68HC11K1CF |
8-BIT MICROCONTROLLER 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC84 8-BIT MICROCONTROLLER 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP80 8-BIT MICROCONTROLLER 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP80 8-BIT MICROCONTROLLER 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC84 Technical Summary 8-Bit Microcontroller 技术摘位微控制
|
Motorola Mobility Holdings, Inc. Electronic Theatre Controls, Inc. MOTOROLA INC
|
ATTINY25V-10MUR ATTINY45-20XUR ATTINY85V-10PU |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PQCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 4.40 MM, GREEN, PLASTIC, MO-153AC, TSSOP-8 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel, Corp.
|
P83C151SA |
HIGH-PERFORMANCE CHMOS MICROCONTROLLER 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
Intel, Corp.
|
|