PART |
Description |
Maker |
ADM206E ADM213E ADM207E ADM208E ADM211E ADM206EAN |
0.3-6V; 800-1000mW; EMI-EMC-compliant, -15kV ESD protected RS-232 line driver/receiver. For laptop computers, notebook computers, printers, peripherals and modems EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers EMI/EMC Compliant, 5kV Protected, 230kBPS, RS-232 Transceiver with 5 Drivers & 3 Receivers EMI-EMC-Compliant, 15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant, 615 kV ESD Protected, RS-232 Line Driver/Receiver in a 24-Pin SO Package
|
Analog Devices
|
ADM206E ADM206EAR ADM207E ADM207EAN ADM207EAR ADM2 |
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant/ -15 kV ESD Protected/ RS-232 Line Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors EMI-/EMC-Compliant -15 kV ESD Protected/ Dual RS-232 Port with Standby
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1406 MAX1406CPE MAX1406CAE MAX1406CWE MAX1406EA |
±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC 15kV ESD-Protected / EMC-Compliant / 230kbps / 3-Tx/3-Rx RS-232 IC 【15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC 15kV ESD-Protected EMC-Compliant 230kbps 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant,230kbps, 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
ADM3485E ADM3485EAN ADM3485EAR ANALOGDEVICESINC.-A |
ESD Protected, EMC Compliant, 3.3V, 20 Mbps, EIA RS-485 Transceiver ESD Protected/ EMC Compliant/ 3.3 V/ 20 Mbps/ EIA RS-485 Transceiver ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver ESD保护,EMC的兼容,3.3伏,20 Mbps的环境影响评估的RS - 485收发
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX3185 MAX3185CAP MAX3185CWP MAX3185EAP MAX3185EW |
±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs ±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones(3V, ±15kV ESD保护,自动关断,用于PDA和蜂窝式手机的RS-232收发器(5发))
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADM2209E ADM2209EARU |
Worlds Smallest Dual-Port 6 Tx/10 Rx RS-232 EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
|
AD[Analog Devices]
|
B84143A0012R000 B84143A0016R000 B84143A0036R000 B8 |
EMC filters 275 V, 50/60 HZ, THREE PHASE EMI FILTER
|
EPCOS AG
|
CSPEMI306AG CSPEMI306A |
6 Channel EMI Filter Array with ESD Protection 6通道EMI滤波器与ESD保护阵列 6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
CM1422 CM1420 CM1422-03CS CM1420-03CP CM1420-03CS |
6 and 8 Channel LCD Filter Array ESD Protection with OptiGuard Coating (CSPEMI606/608 pin compatible) (CM1420 / CM1422) LCD EMI Filter Array with ESD Protection LCD EMI Filter Array with ESD Protection 液晶EMI滤波器与ESD保护阵列
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
B84143-A25-R105 B84143-A8-R105 B84143-A36-R105 B84 |
3 PHASE EMC FILTER 8A 480V 3 PHASE EMC FILTER36A 480V 3 PHASE EMC FILTER16A 480V 3 PHASE EMC FILTER25A 480V 380V电磁兼容FILTER25A
|
EPCOS AG
|
CN-0313 |
EMC Compliant RS-485 Transceiver Protection Circuits
|
Analog Devices
|