PART |
Description |
Maker |
MS3106F-16-10S |
(MS31xxx) Circular 97 Series Threaded Connectors
|
Amphenol
|
2MBI300P-140 |
Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No 1400V/300A 2-Pack IGBT
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
ZXM61P03 ZXM61P03F ZXM61P03FTA ZXM61P03FTC |
P-channel MOSFET 30V P-CHANNEL ENHANCEMENT MODE MOSFET Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-99; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No
|
ZETEX[Zetex Semiconductors]
|
CXK581000M CXK581000M-10L CXK581000M-10LL CXK58100 |
Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-41; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No IC,SRAM,128KX8,CMOS,DIP,32PIN,PLASTIC 131072-word x 8-bit HIGH SPEED COMS STATIC RAM
|
SONY[Sony Corporation]
|
ADUC812BS ADUC812 |
Circular Connector; No. of Contacts:37; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-37 Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight RoHS Compliant: No MicroConverter? Multichannel 12-Bit ADC with Embedded FLASH MCU
|
Analog Devices, Inc.
|
CY62128DV30 CY62128DV30L-55SI CY62128DV30L-55ZAI C |
Circular Connector; No. of Contacts:6; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-98 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 20 POS PEEL-A-WAY® DIP SOCKET 1 Mb (128K x 8) Static RAM
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
OL3204N-100P OL3204N-100 OL3204N_100 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:12-8 1.3 mm High-Power DIP Module with 9mm Profile From old datasheet system
|
OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic eomponets OKI electronic components
|
ZMX40M |
Circular Connector; No. of Contacts:53; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-54
|
Zetex Semiconductor
|
TSMBJ1005C-072 MICROCOMMERCIALCOMPONENTS-TSMBJ1005 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-5
|
Micro Commercial Components Corp.
|
MH8V7245BAZTJ-5 |
Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-5
|
Mitsubishi Electric Corporation
|
033200 036500 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|