PART |
Description |
Maker |
0005060301 05-06-0301 |
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
|
Molex Electronics Ltd.
|
SD-44262-026 44262-6312 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn), All Over Nickel (Ni), 10-12 AWG, Blade Length
|
Molex Electronics Ltd.
|
44262-6310 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn), All Over Nickel (Ni), 10-12 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
6313-3-10 |
Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
|
Molex Electronics Ltd.
|
44262-6420 0442626420 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
43301-1003 |
Flat Blade Rcpt Hsg V-2 3Ckt 3 CONTACT(S), TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
0740268114 0740268114-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 8 Rows, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2, 12.00mm Blade 3
|
Molex Electronics Ltd.
|
S419-06 S424-06 |
1mm Blade Vertical Tab, reeled, 0.64mm thick, tin/lead BRASS, TIN LEAD FINISH, PCB TERMINAL 3.6mm Blade Vertical Test Point Terminal, 0.8mm thick, reeled, tin/lead
|
Harwin PLC HARWIN INC
|
0740266240 0740266240-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 9.00mm Blade 1, 12.00mm Blade 2
|
Molex Electronics Ltd.
|
74026-8314 0740268314 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|
0481012. 0481015. 048102.5 048103.5 048107.5 04811 |
Blade Terminal & Special Purpose Fuses 刀片终 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PT C-26482 Series I; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Blade Terminal & Special Purpose Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
|