PART |
Description |
Maker |
MN3674 |
COLOR CCD LINEAR IMAGE SENSOR WITH 512 PIXELS FOR R AND B COLORS/1024 PIXELS FOR G COLOR
|
Panasonic Semiconductor
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
UPD8891 |
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
|
NEC Corp.
|
UPD3798 UPD3798CY |
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
|
NEC[NEC]
|
UPD3778 UPD3778CY |
10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
|
NEC[NEC]
|
UPD8861 UPD8861CY |
5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
|
NEC
|
RJ21P3AA0PT |
1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
|
Sharp Electrionic Components
|
LZ23H3V1 |
1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
|
Sharp Electrionic Components
|
RJ23N3AA0PT |
1/2.7-type Interline Color CCD Area Sensor with 2 140 k Pixels
|
Sharp Electrionic Components
|
LZ23J3V LR36685 |
1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
|
SHARP[Sharp Electrionic Components]
|
LZ0P3622 LZ0P3625 |
1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
|
SHARP
|
TCD2560D |
IMAGE SENSOR-CCD, 4-6V, RECTANGULAR, THROUGH HOLE MOUNT TOSHIBA CCD Image Sensor CCD (charge coupled device) The TCD2560D is a high sensitive and low dark current 5400 elements 3 line CCD color image sensor which includes CCD drive circuit and clamp circuit.
|
TOSHIBA[Toshiba Semiconductor]
|