PART |
Description |
Maker |
44262-6321 0442626321 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni)
|
Molex Electronics Ltd.
|
44262-6311 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn), All Over Nickel (Ni), 10-12 AWG, Blade Length 11.56mm (.455)
|
Molex Electronics Ltd.
|
46007-1306 0460071306 |
7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 6 Circuits, PC Tail Length 5.33mm (.210") 7.50mm (.295) Pitch Sabre Header, Single Row, Right Angle, 6 Circuits, PC Tail Length 5.33mm (.210)
|
Molex Electronics Ltd.
|
0460075303 46007-5303 |
MOLEX Connector 7.50mm (.295) Pitch Sabre Header, Single Row, Right Angle, 3 Circuits, PC Tail Length 5.33mm (.210), with Snap-In Metal Pins, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
46012-3241 45750-1211 |
MF PLUS HCS CRIMP TERM MALE 16GA GOLD COPPER ALLOY, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL MF PLUS HCS CRIMP TERM. FEM 18-20 GA GLD
|
Molex, Inc. MOLEX INC
|
TL431ILPRM TL431BILPRA |
Adjustable 2.5-36V /-2.2% Tolerance, 1-100mA Shunt Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Fan-Fold; Qty per Container: 2000 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3
|
ON Semiconductor MOTOROLA INC
|
0002091153 0002-09-1153 02-09-1154 02-09-1155 02-0 |
CRIMP TERM FEMALE 093/(2.36)DIA/ FOR 14 THRU 18 AWG WIRE
|
Molex Electronics Ltd.
|
98273-1004 |
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
|
Molex Electronics Ltd.
|
1-1337435-0 |
BNC BULKHEAD JACK REAR MOUNT CRIMP 75 OHM RG59B/U, 62A/U, 140/U, 210/U, URM90, KX6A,KX25,KX52,KX53
|
Tyco Electronics
|
|