PART |
Description |
Maker |
IMP706JCPA IMP706JCSA IMP706JCUA IMP706JEPA IMP706 |
3/3.3/4.0V μP SUPERVISOR CIRCUITS 3/3.3/4.0V 渭P SUPERVISOR CIRCUITS 3/3.3/4.0V P SUPERVISOR CIRCUITS 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical aluminum housing; two hex nuts; 152,4 mm [6 in] lead wires; current sinking output; and Vdc supply voltage 3/3.3/4.0V レP SUPERVISOR CIRCUITS 3/3.3/4.0VレP监控电路
|
IMP[IMP Inc] IMP[IMP, Inc] IMP INC. Altera, Corp.
|
ASM809TEUR-T ASM810TEUR ASM810SEUR ASM810REUR ASM8 |
4.00 V, 3 pin microcontroller power supply supervisor 4 V, 3 pin microcontroller power supply supervisor 2.93 V, 3 pin microcontroller power supply supervisor 3.08 V, 3 pin microcontroller power supply supervisor 2.63 V, 3 pin microcontroller power supply supervisor 4.38 V, 3 pin microcontroller power supply supervisor 4.63 V, 3 pin microcontroller power supply supervisor 3 Pin Microcontroller Power Supply Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC Alliance Semiconductor Corporation Alliance Semiconductor Corp...
|
M4T32-BR12SH M41ST85W M41ST85W_06 M41ST85WMH6 M41S |
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
|
STMICROELECTRONICS[STMicroelectronics]
|
PCS809NMIURF PCS809 PCS809JIURF PCS809LIURF PCS809 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ROHS COMPLIANT, SOT-23, 3 PIN 3-Pin μP Voltage Supervisor 3-Pin 楼矛P Voltage Supervisor
|
Vicor, Corp. PulseCore Semiconductor
|
SG6513 SG6513T SG6513D SG6513TD SG6513TS SG6513S |
PC power supply supervisor to provide the voltage, current and temperature supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors From old datasheet system
|
System General (SG) List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
EP8274NBSP EP8274 EP8289 EP8290 EP8291 EP8292 EP82 |
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC From old datasheet system Tapped Delay Line
|
PCA ELECTRONICS INC. PCA Electronics Inc
|
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 E |
Analog IC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP SQUARE, 94.5 MHz, WAVEFORM GENERATION, PDIP5 14 Pin DIP TTL Square-Wave Generator
|
PCA ELECTRONICS INC.
|
BZV85-C5V6 BZV85-C39 BZV85 BZV85-C13 BZV85-C15 BZV |
BZV85 series; Voltage regulator diodes From old datasheet system Voltage Regulator Diodes(稳压二极 3 V supervisor with battery switchover 稳压二极管的1.3W 39V 3 V supervisor with battery switchover 稳压二极管的1.3W 5.6V
|
NXP Semiconductors PHILIPS[Philips Semiconductors] TE Connectivity, Ltd. 3M Company
|
5962-86702012C 5962-8670201RC 5962-8670201SC 5962- |
I2C-Compatible Real-Time Clocks with µP Supervisor and NV RAM Controller Microprocessor Supervisory Circuits Quad D-Type Flip-Flop 四D型触发器 I<sup>2</sup>C-Compatible Real-Time Clocks with µP Supervisor and NV RAM Controller
|
Rochester Electronics, LLC
|
ASM705 ASM705CPA ASM705CPAF ASM705CSA ASM705CSAF A |
Low Power μP Supervisor Circuits Low Power 渭P Supervisor Circuits Low Power 楼矛P Supervisor Circuits
|
PulseCore Semiconductor
|