PART |
Description |
Maker |
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MB89165-PFV MB89163A-PFS MB89165A-PF MB89165A-PFS |
8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 Quadruple 2-Input Exclusive-OR Gates 14-CDIP -55 to 125 Quadruple 2-Input Exclusive-OR Gates 14-CFP -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
PM9313-HC PM9315-HC PM9315 PM9311 PM9311-UC PM9312 |
Enhanced TT1TM Switch Fabric ENHANCED TT1⑩ SWITCH FABRIC ENHANCED TT1 SWITCH FABRIC
|
PMC[PMC-Sierra, Inc]
|
HD14519 HD14519B HD14519BP |
4-bit AND/OR Selector or Quadruple 2-Channel Data Selector or Quadruple Exclusive-NOR Gate 4位和/或选择或四双通道数据选择器或四异或非 4000/14000/40000 SERIES, QUAD 2-INPUT XNOR GATE, PDIP16 DP-16
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HD14066B |
Quad Analog Switch/Quadruple Multiplexer Quadruple Analog Switch/Quadruple Multiplexer
|
Hitachi Semiconductor
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
ICL3244 ICL3244CA ICL3232 ICL3238 ICL3224 ICL3244I |
1Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceiver with Enhanced Automatic Powerdown 1 Microamp Supply-Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 1 Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceivers with Enhanced Automatic Powerdown 1mA, 3V To 5.5V, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil, Corp.
|
PMV60EN PMV60EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET 3M SCOTCHCAST ELECTRICAL RESIN 5 (16 1-LB UNITS = CARTON) RoHS Compliant: Yes UTrenchMOS enhanced logic level FET From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAX2205 MAX2205EBS MAX2205-MAX2208 MAX2206EBS MAX2 |
射频功率检波器的UCSP封装 Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 RF Power Detectors in UCSP
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|