PART |
Description |
Maker |
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
M74HCU04B1R M74HCU04C1R M74HCU04M1R M54HCU04K1 M54 |
RAD HARD HEX INVERTER (SINGLE STATE) HEX INVERTER SINGLE STAGE
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
74LVCU04ATTR 74LVCU04A 74LVCU04AM 74LVCU04AMTR |
HEADSET, BOOM, MIC, VOX, T6222; LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMACE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
HD74LS06 HD74LS06P-E |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
|
Renesas Electronics Corporation
|
MC74LCXU04DR2 |
Low-Voltage CMOS Unbuffered Hex Inverter With 5 V−Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
MC74AC14DTR2G MC74AC1406 MC74AC14DR2G MC74ACT14DR2 |
Hex Inverter Schmitt Trigger; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 ACT SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
MM74HC04MTCX MM74HC04MTCXNL MM74HC04MTCNL MM74HC04 |
Hex Inverter From old datasheet system CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|