PART |
Description |
Maker |
F71610AR |
USB CIR Chip with RC6 and QP Protocol
|
Feature Integration Technology Inc.
|
FT232R10 FT232R FT232RL-2000 FT232RQ-6000 |
USB UART IC - Single chip USB to asynchronous serial data transfer interface
|
Future Technology Devices International Ltd.
|
USBULC6-2F308 VT5363V032 VT536307 USBULC6-2F3 |
Single-chip USB/PS2 optical mouse 2-line IPAD, ultra low capacitance protection for high speed USB
|
STMicroelectronics
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
LC87F14C8A |
CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
UPC8232T5N-E2-A UPC8232T5N UPC8232T5N-E2 |
B IPOLAR ANALOG INTE GR ATE D CIR CUIT
|
California Eastern Labs
|
SSU1N60A SSR1N60A |
EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 900MA I(D) | TO-252AA EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 900mA的一(d)|51AA
|
Analog Devices, Inc.
|
39-34-7040 |
4 CIR. R/A MINIFIT WITH B 556904AIGS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
0887328502 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 0.80m (2.62) Length, Black
|
Molex Electronics Ltd.
|
687840003 0687840003 |
USB Shielded I/O Cable Assembly, USB A-to-Micro-USB B, 2.0m (6.56) LengthBlack, Lead free
|
Molex Electronics Ltd.
|
0887328602 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m (3.28) Length, Black
|
Molex Electronics Ltd.
|
0887328612 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m (3.28) Length, Black
|
Molex Electronics Ltd.
|