PART |
Description |
Maker |
ADG5236BRUZ-RL7 ADG5236BCPZ-RL7 |
High Voltage Latch-Up Proof
|
Analog Devices
|
ADG540812 |
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
|
Analog Devices
|
ADG5408 ADG5409 |
High Voltage Latch-up Proof 4-/8-Channel Multiplexers
|
Analog Devices
|
ADG5404 ADG5404BCPZ-REEL7 ADG5404BRUZ ADG5404BRUZ- |
High Voltage, Latch-up Proof, 4-Channel Multiplexer
|
Analog Devices
|
ADG543611 |
High Voltage Latch-Up Proof, Dual SPDT Switches
|
Analog Devices
|
ADG541211 |
High Voltage Latch-Up Proof, Quad SPST Switches
|
Analog Devices
|
AD7592 AD7592DI AD7592DIBQ AD7592DIKN AD7592DIKP A |
Dual 5V SPDT Latch Up Proof Switch with Overvoltage Protection DI CMOS ANALOG SWITCHES WITH DATA LATCHES QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 DI CMOS ANALOG SWITCHES WITH DATA LATCHES QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC20 Quad ±15V SPST Latch Up Proof Switch with Overvoltage Protection Dual ±15V SPDT Latch Up Proof Switch with Overvoltage Protection
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
C9312SK-06 |
Flat panel sensor High-speed, High reliability, 110 kV (X-ray tube voltage) proof
|
Hamamatsu Photonics
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
TC74VCX16841FT |
High Speed CMOS Low Voltage 20 Bit D Type Latch(高速CMOS低电压D锁存
|
Toshiba Corporation
|