7703403UA 7703401YA 77034042A 7703404MA 7703404NA |
Negative Adjustable Voltage Regulator 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R 15 HZ, 90DB REJECTION BTW 59 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, T/R 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R Low-cost volatile, Digital Potentiometer, -40C to 125C, 8-SOIC 150mil, TUBE PRODUCT TO FREQUENCY CONVERTER WHICH IS USED TO POWER METERING APLICATIONS, -40C to 85C, 24-SSOP 208mil, TUBE 积极可调电压稳压 18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 积极可调电压稳压 Positive Adjustable Voltage Regulator 积极可调电压稳压 ENERGY METER IC, GAIN 1:16, 500:1 DYNAMIC RANGE, -40C to 85C, 24-SSOP 208mil, T/R 积极可调电压稳压
|
International Rectifier, Corp. TE Connectivity, Ltd. Kingbright, Corp. NIC Components, Corp.
|
CR2300SA CR2300SB CR2300SC CR0720SB CR0720SC CR350 |
40 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA The CR range of protectors are based on the proven technology of the T10 thyristor product 公约与保护的范围是基于晶闸管T10产品成熟的技 STRIPPER/CUTTER WIRE 20-30AWG 公约与保护的范围是基于晶闸管的T10产品成熟的技 The CR range of protectors are based on the proven technology of the T10 thyristor product 公约与保护的范围是基于晶闸管的T10产品成熟的技
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|