PART |
Description |
Maker |
IMZ2A |
COMPLEMENTARY DUAL GENERAL PURPOSE AMPLIFIER TRANSIS
|
Pan Jit International Inc.
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
MSK610 MSK610-15 MSK610B |
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER Ultra Low Quiescent Current - ±12mA for High Voltage Stage
|
Anaren Microwave M.S. Kennedy Corporatio...
|
2SC3646 |
High-Voltage Switching Applications Adoption of FBET, MBIT Processes High Breakdown Voltage and Large Current Capacity
|
TY Semicondutor TY Semiconductor Co., Ltd
|
CMPT6517 CMPT6520 |
SMD Small Signal Transistor PNP High Voltage COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2SC3675 |
NPN Triple Diffused Planar Silicon Transistor 900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
|
SANYO
|