PART |
Description |
Maker |
5KP10 5KP100 5KP10A 5KP100A 5KP36 5KP8.5A 5KP30 5K |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
Shanghai Sunrise Electronics GE Security, Inc. General Semiconductor
|
LCE10 LCE10A LCE9.0A LCE8.0A LCE8.5 LCE6.5 LCE6.5A |
LOW CAPACITANCE TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR LOW CAPACITANCE TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 低电容TRANSZORB⑩瞬态电压抑制器
|
General GE Security, Inc.
|
BZW04-11 BZW04-110 BZW04-14 BZW04-145 BZW04-17 BZW |
High performance 2A ULDO linear regulator TRANSZORB瞬态电压抑制器 ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION TRANSZORB瞬态电压抑制器 TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器(TransZorb瞬变电压抑制器) TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 A7 POLYMER CORE BUFFER High performance 2A ULDO linear regulator with Soft Start PWR SUPPLY 250W 5V W/COVER TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR Low power voltage detector TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
Amphenol, Corp. Electronics Industry Public Company Limited GE Security, Inc. GE[General Semiconductor]
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
015Z6.2-Z 015Z5.6Y 015Z5.1Z 015Z5.6-X 015Z6.2X 015 |
6.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 5.62 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.27 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 5.105 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.445 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6.195 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.4 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 7.5 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 5.465 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6.6 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6.395 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 6.8 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 2.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 7.215 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 1.95 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.75 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 7.68 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.05 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.935 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.35 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.93 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.805 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.675 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 4.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 2.925 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.24 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.78 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.9 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 4.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 4.375 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 3.835 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 11 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 12 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diotec Semiconductor AG Toshiba, Corp. NIC Components, Corp. Renesas Electronics, Corp. Nihon Dempa Kogyo Co., Ltd. NXP Semiconductors N.V.
|
1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA1 |
Automotive Transient Voltage Suppressors Breakdown Voltage 43V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 8.2V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 9.1V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 7.5V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 6.8V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 39V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 36V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 33V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 30V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 27V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 24V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 22V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 20V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 18V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 16V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 15V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 13V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 12V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 11V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 10V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
VS-720-LPC-FBA311.040 VS-720-LPC-CAA311.040 VS-720 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 311.04 MHz ROHS COMPLIANT, HERMETIC SEALED, CERAMIC, SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 187.5 MHz ROHS COMPLIANT, HERMETIC SEALED, CERAMIC, SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 156.25 MHz ROHS COMPLIANT, HERMETIC SEALED, CERAMIC, SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 312.5 MHz ROHS COMPLIANT, HERMETIC SEALED, CERAMIC, SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 389.6 MHz ROHS COMPLIANT, HERMETIC SEALED, CERAMIC, SMD, 6 PIN VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 155.52 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.3266 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 533 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 600 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 240 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 200 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 250 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 320 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 480 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 300 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 796.875 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 768 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 720 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 531.25 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 657.4219 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 640 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 175 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 537.6 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 644.5313 MHz
|
Vectron International, Inc.
|
STR30110 STR30112 STR30113 STR30115 STR30120 STR30 |
Voltage regulator fixed output voltage135 /-0.8V Voltage regulator fixed output voltage134 /-0.8V Voltage regulator fixed output voltage125 /-0.8V Voltage regulator fixed output voltage123 /-0.8V Voltage regulator fixed output voltage120 /-0.8V Voltage regulator fixed output voltage115 /-0.8V Voltage regulator fixed output voltage113 /-0.8V Voltage regulator fixed output voltage112 /-0.8V Voltage regulator fixed output voltage110 /-0.8V SANKEN ELECTRIC COMPANY, LTD. Sanken Hybrid IC Voltage Regulator STR30000 Series (STR30000 Series) Hybrid IC Voltage Regulator Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节器STR30000系列 Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节STR30000系列
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
|