PART |
Description |
Maker |
1206D 1206FD 1210UFD 1202D 1202FD 1202UFD 1210D 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1410 1410F 1410UF 1406F 1402UF 1406UF |
1000 V single phase bridge 12 A forward current, 3000 ns recovery time 1000 V single phase bridge 12 A forward current, 150 ns recovery time 1000 V single phase bridge 12 A forward current, 70 ns recovery time 600 V single phase bridge 12 A forward current, 150 ns recovery time 200 V single phase bridge 12 A forward current, 70 ns recovery time 200 V single phase bridge 12 A forward current, 3000 ns recovery time 600 V single phase bridge 12 A forward current, 3000 ns recovery time 600 V single phase bridge 12 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
MB351W-BP MB354W-BP MB3510W-BP MB3505W-BP MB356W-B |
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 35A 200V WIRE LEADS 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
1106FD 1102UFD 1106D 1102D 1102FD 1110FD 1106UFD |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
1502B 1510UFB 1510B 1502FB |
200 V - 1,000 V Single Phase Bridge 200 1,000 V单相 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
1506FB 1510FB |
200 V - 1,000 V Single Phase Bridge
|
Voltage Multipliers
|
MP151 MP158 |
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components
|
MB4005 MB404 MB402 MB401 MB406 MB408 MB4010 |
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MP152 |
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Compon...
|