PART |
Description |
Maker |
0009481054 09-48-1054 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 5 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009481134 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
M20-6113245 M20-6112045 M20-6113205 M20-6112005 |
PC104 CONNECTOR (STACK THROUGH) PC/104 Non-stackthrough Connector, 2.54mm Pitch DIL, gold, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
0340620009 34062-0009 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization D, without Connector Position Assurance, Gray MOLEX Connector
|
Molex Electronics Ltd.
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
19-09-2151 19-09-1151 |
CONNECTOR 15 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Gender:Male; Number of Contacts:15; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:3; Pitch Spacing:6.3mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
0009521116 09-52-1116 A-2145-AA11B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 11 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 11 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 11 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
15-06-0066 15-06-0106 |
MiniFit BMI Plug Hsg Pan Mt V-0 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Number of Contacts:10; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Contact Termination:Crimp 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
03-09-2151 03-09-1152 |
093 Pwr Plug O/MtEar/Tab 94V-2 15Ckt 15 CONTACT(S), MALE, POWER CONNECTOR, PLUG connector 15 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
|