PART |
Description |
Maker |
NM27C040 NM27C040Q150NBSP NM27C040Q150 27C040 NM27 |
4,194,304 Bit (512K x 8) High Performance CMOS EPROM 4194304-Bit (512K x 8) High Performance CMOS EPROM 4,194,304-Bit (512K x 8) High Performance CMOS EPROM 4 /194 /304-Bit (512K x 8) High Performance CMOS EPROM IC-4MB CMOS OTP PROM
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
NM27C210 NM27C210QE150 NM27C210QE120 |
1,048,576-Bit (64K x 16) High Performance CMOS EPROM [Life-time buy] 1 /048 /576-Bit (64K x 16) High Performance CMOS EPROM
|
FAIRCHILD[Fairchild Semiconductor]
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
V53C104B V53C104BK70 V53C104BK70L V53C104BK80 V53C |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM High Performance / Low Power 256k x 4 Bit / Fast Page Mode CMOS DRAM
|
MOSEL[Mosel Vitelic, Corp]
|
AM29PL160CB-120 AM29PL160CB-120EI AM29PL160CB-120S |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
AMD[Advanced Micro Devices]
|
PIC17C7XX_00 PIC17C752 PIC17C756A PIC17C762 PIC17C |
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
|
MICROCHIP[Microchip Technology]
|
C165 SAF-C165-LM SAB-C165-LM Q67121-C862 Q67121-C9 |
C16x-Family of High-Performance CMOS 16-Bit Microcontrollers 16-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP100
|
SIEMENS AG
|
IN74HC367AN IN74HC367A IN74HC367AD |
Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
FM27C010 FM27C010N120 FM27C010N150 FM27C010N90 FM2 |
1,048,576-Bit 128K x 8 High Performance CMOS EPROM 1/048/576-Bit 128K x 8 High Performance CMOS EPROM CONN HEADER .100 72POS DUAL TIN 128K X 8 OTPROM, 90 ns, PDIP32 CONN HEADER .100 72POS DL GOLD
|
FAIRCHILD[Fairchild Semiconductor] Davies Molding, LLC FAIRCHILD SEMICONDUCTOR CORP
|