PART |
Description |
Maker |
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
LTC3851AMPMSE-1TRPBF LTC3851A-1-15 |
0.05 A SWITCHING CONTROLLER, 810 kHz SWITCHING FREQ-MAX, PDSO16 LEAD FREE, PLASTIC, MSOP-16 Synchronous Step-Down Switching Regulator Controller
|
Linear Technology, Corp.
|
GENERLCCOMPONENT SIC401ACD-T1-GE3 8834 575-4 SIC40 |
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
LTC3703EGN-5 LTC3703EG-5 LTC3703EG-5TR |
60V Synchronous Switching Regulator Controller RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 100V Synchronous Switching Regulator Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC3810EUH-5TRPBF LTC3810-5-15 |
100V Current Mode Synchronous Switching Regulator Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PQCC32 60V Current Mode Synchronous Switching Regulator Controller
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ISL6520CB ISL6520CB-T ISL6520CBZ ISL6520CBZ-T ISL6 |
Adjustable Precision Shunt Regulator 3-TO-92 -40 to 125 SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO8 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6522ACRZ-T ISL6522A ISL6522ACB ISL6522ACB-T ISL |
Adjustable Precision Shunt Regulator 3-SOT-89 0 to 70 Adjustable Precision Shunt Regulator 5-SOT-23 -40 to 85 Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
ISL6219A ISL6219ACA ISL6219ACA-T |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO28 Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6554CB ISL6554CB-T ISL6554CBZ ISL6554CBZA ISL65 |
PWM Controller with Wide Input Range 8-PDIP 微处理器核心电压调节器的多相降压PWM控制没有可编程德鲁普 Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|