PART |
Description |
Maker |
8548 8541 8545 8540 8546 8547 8542 8543 8544 |
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
|
FILTRAN[Filtran LTD]
|
8403-330 8403-331 8403-XXX 8403-150 8403-471 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
Filtran Ltd.
|
8403-221 8403-XXX 8403-220 8403-150 8403-151 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
8401-XXX 8401-033 8401-022 8401-027 8401-180 8401- |
Inductors SMT Power Inductors 电感SMT功率电感
|
Filtran Ltd. Filtran, Ltd.
|
8401-XXX 8401-010 8401-014 8401-018 8401-680 8401- |
Inductors SMT Power Inductors
|
FILTRAN[Filtran LTD]
|
P578 PE-51687NL PE-51686 PE-51719 PE-51718 PE-5171 |
VDE Approved Designed for switching power supply applications Transformer meets IEC950 insulation requirements THT CURRENT SENSE TRANSFORMERS & INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|
CM453232-390JL CM453232-R15KL CM453232-4R7JL CM252 |
Unshielded Surface Mount Inductors 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:560uH; Inductance Tolerance: 5 %; Current Rating:50A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
FP3-100-R FP3-150-R FP3-1R0-R FP3-2R0-R FP3-1R5-R |
Low Profile Inductors 155°C maximum total temperature operation Low profile high current inductors
|
Cooper Bussmann, Inc.
|
ELJRF5N1FB ELJRE82NFA ELJRF68NFB ELJRF6N2FB ELJRF6 |
Fixed Inductors (Chip Inductors) Chip Inductors High Frequency Use (Non Magnetic Core) Chip Inductors High Frequency Use (Non Magnetic Core)
|
Panasonic Battery Group Panasonic Semiconductor
|
P0400NL P0401NL P0402 P0403 P0402NL |
SMT POWER INDUCTORS Toroid - Tomcat Series SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
|
Pulse A Technitrol Company
|
CDEP145-8R0NC-H CDEP134 CDEP134-0R3MB CDEP134-0R3M |
POWER INDUCTORS <SMD Type> POWER INDUCTORS POWER INDUCTORS Type
|
SUMIDA[Sumida Corporation] http://
|
RCR875DNP-2R3L RCR875DNP-1R7L RCR875DNP-1R2L RCR87 |
POWER INDUCTORS , Pin Type: RCR Series POWER INDUCTORS Pin Type: RCR Series POWER INDUCTORS < Pin Type: RCR Series> POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 2.3 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series>
|
SUMIDA CORPORATION. Sumida, Corp.
|