PART |
Description |
Maker |
SST39LF400A SST39VF800A SST39LF800A SST39VF200A SS |
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
|
Microchip Technology
|
AT52BR6408A AT52BR6408AT-85CI AT52BR6408A-70CI AT5 |
From old datasheet system 64-Mbit Flash, 8-Mbit SRAM (x16 I/O) 64 Mbit Multi-plane Flash combined with 8-Mbit SRAM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M36DR432AD M36DR432AD10ZA6T M36DR432AD12ZA6T M36DR |
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M58WR016QB60ZB6 M58WR032QB60ZB6 M58WR016QB60ZB6E M |
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
|
Numonyx B.V
|
M36W432BG M36W432BG70ZA1T M36W432BG70ZA6T M36W432B |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M58PR512JE96ZB5E M58PR512JE96ZB5F M58PR256JE96ZB5E |
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
M36W0R5020B0 M36W0R5020B0ZAQ M36W0R5020B0ZAQE M36W |
32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
|
http:// STMicroelectronics ST Microelectronics
|
SST39SF040 |
(SST39SF010A / SST39SF020A / SST39SF040) 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
|
Silicon Storage Technology
|
M29W064FB90N3E M29W064FB90N3F M29W064FT |
64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
M29W128GH70N3E M29W128GL |
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory 128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
|
Numonyx B.V
|
DA28F016SV-075 DA28F016SV-070 E28F016SV-075 E28F01 |
WSR2 0.04 Ohms 1% Tolerance 16-MBIT (1 MBIT x 16/ 2 MBIT x 8) FlashFile MEMORY 16-MBIT (1 MBIT x 16 / 2 MBIT x 8) FlashFile MEMORY 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 80 ns, PDSO56 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 70 ns, PDSO56 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 75 ns, PDSO56
|
Intel Corp. Intel Corporation Intel, Corp.
|