PART |
Description |
Maker |
R1EX24064ASAS0G R1EX24064ATAS0G |
Two-wire serial interface 64k EEPROM
|
Renesas Electronics Corporation
|
R1EX24064ASA00I R1EX24064ATA00I |
Two-wire serial interface 64k EEPROM (8-kword 隆驴 8-bit) Two-wire serial interface 64k EEPROM (8-kword × 8-bit)
|
Renesas Electronics Corporation
|
NM24C65U NM24C65UHVM8 |
I2C Serial EEPROM 64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX127-MAX128 MAX128 MAX128ACAI MAX128ACNG MAX128A |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface Multirange 5V 12-Bit DAS with 2-Wire Serial Interface Multirange. 5V.12-Bit DAS with 2-Wire Serial Interface Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-15 RoHS Compliant: No 多量程,5V的,12位DAS线串行接
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ENA1330 |
CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
|
Sanyo Semicon Device
|
LE24LB642M10 |
Two Wire Serial Interface EEPROM (64k EEPROM)
|
Sanyo Semicon Device
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT5411 CAT5411BI-00-TE13 CAT5411BI-10-TE13 CAT541 |
64-Tap Dual DPP with SPI Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 123dB SNR Stereo Audio DAC (S/W Control) 28-SSOP -25 to -40 DUAL 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface 双数字可编程电位计(民进党)64丝锥和SPI接口 DUAL 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PBGA24
|
CATALYST[Catalyst Semiconductor] 数字电位 ON Semiconductor
|
X9420YP-2.7 X9420YPM-2.7 X9420YS16M |
Isolation Transformer 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP16 DB9 F-DB25 M 9C, 12FT. 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP16 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO16
|
Intersil, Corp. INTERSIL CORP
|
X9252WV24I-2.7 X9252WV24IZ-2.7 X9252YV24IZ-2.7 X92 |
Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 PANAVISE CCTV CAMERA MOUNT BASES, COLOR: BLACK, TRI-FOOT
|
Intersil, Corp. 数字电位 INTERSIL[Intersil Corporation]
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
FM24C256 FM24C256LEN FM24C256LEM8X FM24C256FEN FM2 |
256K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8 I2C Serial EEPROM I2C串行EEPROM CONNECTOR 连接
|
Fairchild Semiconductor, Corp. Electronic Theatre Controls, Inc. Mitsubishi Electric, Corp.
|