PART |
Description |
Maker |
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY62256L-70SNXI |
256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Cypress Semiconductor, Corp.
|
CY62256VLL-70SNXI CY62256VLL-70SNXE CY62256VLL-70S |
256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
SRAM Cypress Semiconductor, Corp.
|
CY7C1399BN-12VC CY7C1399BNL-15VXC CY7C1399BNL-12ZX |
256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
CY7C199D-10ZXI CY7C199D-10VXI CY7C199D |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
CY7C199CN CY7C199CN-12VC CY7C199CN-12VI CY7C199CN- |
256K (32K x 8) Static RAM
|
http:// Cypress Semiconductor
|
CY62256NLL-55SNXET CY62256NLL-70SNXAT CY62256NLL-5 |
256K (32K x 8) Static RAM
|
Cypress
|
LH51256 LH51256-10 LH51256-12 LH51256N-12 LH51256N |
CMOS 256K (32K X 8) STATIC RAM
|
List of Unclassifed Manufacturers ETC
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|