PART |
Description |
Maker |
0006023103 6313-1-10 006-02-3103 |
Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
|
Molex Electronics Ltd.
|
6313-3-10 |
Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
|
Molex Electronics Ltd.
|
06-02-3031-P |
SWITCH CONNECTOR HOUSING, 3 CIRCUIT FLAT BLADE SYSTEM
|
Molex Electronics Ltd.
|
74026-8324 0740268324 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|
74026-8232 0740268232 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 9.00mm (.354) Blade
|
Molex Electronics Ltd.
|
74026-8212 0740268212 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle,8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 9.00mm (.354) Blade
|
Molex Electronics Ltd.
|
0638941200 |
Mini-Mac Applicator for Flat Blade Crimp Terminals, 20 AWG Double Crimp
|
Molex Electronics Ltd.
|
SD-44262-026 44262-6312 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn), All Over Nickel (Ni), 10-12 AWG, Blade Length
|
Molex Electronics Ltd.
|
KP01105201 KP01.1053.01 KP01.1013.01 KP01.1012.01 |
IEC Appliance Inlet C14 with Appliance Outlet F
|
Schurter Inc.
|
0005060301 05-06-0301 |
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
|
Molex Electronics Ltd.
|
0740268112 74026-8112 |
2.00mm (.079") Pitch VHDM庐 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade 2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
868-062-000 913-043 01550300 01550400 0913042001 0 |
Blade Fuseholder - Stackable Panel Mount Fuseholder for ATO Style Blade Fuse
|
LITTELFUSE[Littelfuse]
|
|