PART |
Description |
Maker |
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL32374EFBZ ISL32374EFVZ ISL32374EIBZ ISL32374EIV |
QUAD, 卤16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 16-SOIC
|
Intersil Corporation
|
MAX3384 MAX3384E MAX3384ECAP MAX3384ECWN MAX3384EE |
DUAL LINE TRANSCEIVER, PDSO20 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver " ?à15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver" ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
8339 ST485EXN ST485EBD ST485EBDR ST485EBN ST485ECD |
LOW POWER RS-485/RS422 TRANSCEIVER ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER ±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX4561 MAX4561EUT-T MAX4569 2236 MAX4568 MAX4568E |
【15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches 15kV ESD-Protected / Low-Voltage / SPDT/SPST / CMOS Analog Switches From old datasheet system ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
|
MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ISL81487E ISL81487L |
5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceivers, With Rx/Tx Enables 5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceivers, With Rx/Tx Enables and Low Power SHDN
|
Intersil
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
|