PART |
Description |
Maker |
MTM8N60 MTH8N60 MTH8N55 |
(MTH8N55 / MTH8N60) Power Field Effect Transistor Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] Motorola Semiconductor Motorola, Inc.
|
PSMN005-75P PSMN005-75B PSMN005_75P_75B-01 |
N-channel logic level field-effect power transistor in a plastic package using TrenchMOS technology. 75 A, 75 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB From old datasheet system N-channel enhancement mode field-effect transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SSM3J02F |
600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
2SK3476 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3403NBSP 2SK3403 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
2SK3387 |
Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV) Switching Regulator, DC-DC Converter and Motor Drive Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV) 东芝场效应晶体管频道马鞍山型(二π- MOSV From old datasheet system
|
PMC-Sierra, Inc. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
PTF102027 |
40 Watts, 92560 MHz GOLDMOS Field Effect Transistor 40 WATTS, 925-960 MHZ GOLDMOS FIELD EFFECT TRANSISTOR
|
Ericsson Microelectronics
|
PTF10149 |
70 Watts, 92160 MHz GOLDMOS Field Effect Transistor 70 Watts, 921-960 MHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
STS2306 |
N-Channel Enhancement Mode Field Effect Transistor N-Channel E nhancement Mode Field Effect Transistor
|
SamHop Microelectronics Corp.
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
TPCS8205 TPC8205 |
Field Effect Transistor Silicon N Channel MOS Type (U-MOS II) Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
|
TOSHIBA[Toshiba Semiconductor]
|