PART |
Description |
Maker |
SRAH-01CX20 VRAH-01CX20 SRAH-01CX50 V7AH-01CX20 |
NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc. Bel Fuse, Inc.
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
NTA0312M NTA0315M NTA1215M NTA0505M NTA0509M NTA12 |
Isolated 1W Dual Output SM DC-DC Converters Isolated 1W Dual Output SM DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
0RHB-D0TV20 0RHB-D0T120 0RHB-D0T033 0RHB-D0TV50 07 |
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output DC-DC REG PWR SUPPLY MODULE ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output 1-OUTPUT 200 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
HBW53V08SRG HBW53V08XRG |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
VRAE-10E1A1 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-03F2A SLIN-03F2A0 SLIN-03F2AL |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SIL06 SIL06-05SADJ-V SIL06-12SADJ-V |
6A Non-isolated DC/DC Converters
|
http:// ARTESYN[Artesyn Technologies]
|
V7AH-05B |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse
|
VRBC-16E1A0 VRBC-16E1AL VRBC-16E1AX |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|