PART |
Description |
Maker |
RACD60-2400 RACD60-700 RACD60-4200 RACD60-1050 RAC |
60 Watt PFC Single Output
|
Recom International Pow...
|
RACD20-1050 |
20 Watt PFC Single Output
|
Recom International Pow...
|
RACD35-1400A RACD35-2500A RACD35-A RACD35-700A RAC |
35 Watt PFC Single Output
|
Recom International Pow...
|
PSRL5016U3 PSRL5016U3-12 PSRL5016U3-18 PSRL5016U3- |
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSRL5016E3 PSRL5016E3-12 PSRL5016E3-18 PSRL5016E3- |
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSSP-75-12 PSSP-75-24 PSSP-75-3.3 PSSP-75-7.5 PSSP |
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc. http://
|
PSPSP1500 PSPSP1500-12 PSPSP1500-13.5 PSPSP1500-15 |
1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
CBL-2FT-NMNM CBL-2FT-SMNM CBL-2FT-SMSM CBL-3FT-NMN |
Coaxial-Flex Test Cables 50?/a> DC to 18 GHz Coaxial-Flex Test Cables 50 DC to 18 GHz AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 10.4, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50з DC to 18 GHz 同轴电缆弯曲试验电缆50зDC8千兆 AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25??C to 70??C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50蟹 DC to 18 GHz
|
http:// Mini-Circuits
|
RTS-123.3 RTS-093.3 RTS-243.3 RTD-0505 RTD-0509 RT |
2 Watt SMD Single & Dual Output 2瓦特贴片 Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-26 2 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
DFP1000 DPF1000-9617PE |
Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
|
ARTESYN[Artesyn Technologies]
|