PART |
Description |
Maker |
LCE28A LCE6.5 LCE6.5-E3_54 LCE6.5A LCE8.0 LCE8.0A |
Low Capacitance TRANSZORB㈢ Transient Voltage Suppressors Low Capacitance TRANSZORB? Transient Voltage Suppressors Low Capacitance TRANSZORB庐 Transient Voltage Suppressors Low Capacitance TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
1.5SMC 1.5SMC100A 1.5SMC6.8A-E3_57T 1.5SMC6.8A-E3_ |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
SA110C SA43A SA160 SA14 |
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 500瓦峰值功率瞬态电压抑制器 /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 2.74K OHM 1/10W .1% 0805 SMD 500W TRANSIENT VOLTAGE SUPPRESSORS 500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 110.00 V. Test current IT = 1 mA.
|
Won-Top Electronics Co., Ltd. Bytes
|
L2TVS28A L2TVS26A L2TVS22A L2TVS150A L2TVS78A L2TV |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
|
GOOD-ARK Electronics
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
SMAJ5.0A SMAJ120 SMAJ8.5 SMAJ78A SMAJ8.0 SMAJ70 SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
LESD8L3.3T3G LESD8L3.3T5G LESD8L3.3T1G |
Transient Voltage Suppressors ESD Protection Diodes with Ultra?Low Capacitance Transient Voltage Suppressors
|
Leshan Radio Company
|
SMBJ3V3-E3_5B SMBJ3V3HE3_52 SMBJ3V3HE3_5B SMBJ3V30 |
Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
NUP4114UCW110 NUP4114UCW1T2G |
Transient Voltage Suppressors Low Cap Quad ESD Array Transient Voltage Suppressors
|
ON Semiconductor
|
1N6148 1N6148A 1N6122 1N6147 1N6153 1N6156 1N6143 |
From old datasheet system HC-B 16-SD-FQ/FS HC-D 15-AP OG BIDIRECTIONAL TRANSIENT SUPPRESSORS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor 瞬态电压抑制器 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 瞬态电压抑制器
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE TVS-瞬态抑制二极管 Semtech, Corp.
|
P6KA24A P6KA24 P6KA20A P6KA10 P6KA P6KA9.1A P6KA10 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器 Automotive Transient Voltage Suppressors
|
VISHAY SEMICONDUCTORS Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|