PART |
Description |
Maker |
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VBO25 VBO25-16NO2 VBO25-08NO2 VBO25-12AO2 VBO25-12 |
Single Phase Rectifier Bridge 38 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
DBF60 DBF60G DBF60C |
6.0A Single-Phase Bridge Rectifier 6.0a下单相桥式整流器 High-Speed Rectifying Diodes Silicon Diffused Junction Type 6.0A Single-Phase Bridge Rectifier
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
CM15MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 15 Amperes/600 Volts
|
Powerex Power Semiconductors
|
DBB08 DBB08C DBB08G |
Single-Phase Bridge Rectifying Diodes 0.8A Single-Phase Bridge Rectifier
|
Sanyo Semicon Device
|
GBPC3512W GBPC2512A GBPC2512W GBPC3512 GBPC3512A G |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER SINGLE PHASE BRIDGE
|
General Semiconductor IRF[International Rectifier]
|
VBE20 VBE20-20NO1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
IXYS[IXYS Corporation]
|
AD824AR AD824ACHIPS AD824AN AD824AR-14 AD824AN-3V |
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp Single Supply/ Rail-to-Rail Low Power/ FET-Input Op Amp VARISTOR 14V RMS 14MM RADIAL QUAD OP-AMP, 4000 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|