PART |
Description |
Maker |
MAX1775 MAX1775EEE |
Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SPI-8001TW SPI-8001TW-TL |
SPI-8001TW Dual 1.5 A, DC/DC Step-Down Converter Dual 1.5 A, DC/DC step-down converter.
|
Allegro MicroSystems
|
NCP1532MUAATXG NCP1532 |
Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
|
ON Semiconductor
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
NCP1521 |
Adjustable Output Voltage Step-Down Converter
|
ON Semiconductor
|
BD90571EFJ-CE2 |
2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LM2717-ADJ LM2717MT-ADJ |
Dual Step-Down DC/DC Converter
|
http://
|
IR3622MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IRF[International Rectifier]
|