PART |
Description |
Maker |
CY14V104LA |
4-Mbit (512 K x 8 / 256 K x 16) nvSRAM
|
Cypress Semiconductor
|
M39P0R9080E0ZAD M39P0R9080E0ZADE M39P0R9080E0ZADF |
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
|
Numonyx B.V
|
CY14B104LA-ZS20XI CY14B104NA-ZS20XI CY14B104NA-ZS2 |
4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
|
Cypress Semiconductor http://
|
CY7C1367C-166AXC |
9-Mbit (256 K × 36/512 K × 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
CY7C1355C-133AXC |
9-Mbit (256 K × 36 / 512 K × 18) Flow-Through SRAM with NoBL Architecture
|
Cypress Semiconductor
|
M29W400DB55M1 M29W400DB55M1E M29W400DB55M1F M29W40 |
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
M29W400DB55N1 M29W400DB55N1E M29W400DB55N1F M29W40 |
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
CY14B104NA-BA25IT CY14B104NA-BA20XIT |
4-Mbit (512 K × 8/256 K × 16) nvSRAM 4-Mbit (512 K × 8/256 K × 16) nvSRAM
|
Cypress Semiconductor
|
S29GL256S |
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
|
Cypress Semiconductor
|
AM29LV400B |
4 Mbit (512 K x 8-Bit/256 K x 16-Bit) From old datasheet system
|
AMD Inc
|
AM29F400B |
4 Mbit (512 K x 8-Bit/256 K x 16- Bit) From old datasheet system
|
AMD Inc
|
M39P0R1080E4ZASE M39P0R1080E4ZASF M39P0R9080E4 M39 |
512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package 512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|