PART |
Description |
Maker |
ADM205-ADM211 ADM210 ADM211AR ADM211ARS ADM207ARS |
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 0.1 uF/ 5 V Powered CMOS RS-232 Drivers/Receivers 0.1 mF. 5 V Powered CMOS RS-232 Drivers/Receivers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
CA82C50A-ID CA82C50A-IJ CA82C50A-IP CA82C50A-CD CA |
UART VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR /- 15 kV ESD protected 5 V RS-232 transceiver 5 V powered multi-channel RS-232 drivers and receivers 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 异步
|
Advanced Analogic Technologies, Inc.
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
ADM211ARS-REEL ADM213ARSZ ADM208ANZ ADM208AR-REEL |
0.1 µF, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers, 5 Receivers QUAD LINE TRANSCEIVER, PDSO28 0.1 µF, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers, 5 Receivers, Shutdown and Enable Pins and 2 Receivers Active in Shutdown QUAD LINE TRANSCEIVER, PDSO28 0.1 µF, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers & 4 Receivers; Package: PDIP; No of Pins: 24; Temperature Range: Industrial QUAD LINE TRANSCEIVER, PDIP24 0.1 µF, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers & 4 Receivers; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial QUAD LINE TRANSCEIVER, PDSO24 0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers 0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
|
Analog Devices, Inc.
|
MAX232E MAX203E |
5V-Powered/ Multichannel RS-232 Drivers/Receivers 5V-Powered / Multichannel RS-232 Drivers/Receivers ±5kV ESD-Protected, 5V RS-232 Transceivers(5V,120kbps,自关闭方 ESD保护,RS-232收发 ±15kV ESD保护5V RS-232收发
|
Maxim Integrated Products, Inc.
|
ADM3311E ADM3307E ADM3315E ADM3310E ADM3312E |
ADM3307E/ADM3310E-12E/3315E:15 kV ESD Protected. 2.7V to 3.6V Serial Port Transceivers with Green IdleDS (Rev.F. 8/02) 2.7V Serial Port RS-232 Transceiver (5 Drivers / 3 Receivers) with 15kV ESD (TTL & RS-232) 3-V, RS-232 Serial Port Driver-Receiver 2.7 V Serial Port RS-232 Transceiver (3 Drivers / 5 Receivers) with 15kV ESD 2.7V Serial Port RS-232 Transceiver (3 Drivers / 3 Receivers) with 15kV ESD
|
Analog Devices
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
ADM206E ADM213E ADM207E ADM208E ADM211E ADM206EAN |
0.3-6V; 800-1000mW; EMI-EMC-compliant, -15kV ESD protected RS-232 line driver/receiver. For laptop computers, notebook computers, printers, peripherals and modems EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers EMI/EMC Compliant, 5kV Protected, 230kBPS, RS-232 Transceiver with 5 Drivers & 3 Receivers EMI-EMC-Compliant, 15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant, 615 kV ESD Protected, RS-232 Line Driver/Receiver in a 24-Pin SO Package
|
Analog Devices
|
MAX3760 MAX3760ESA MAX3760E_D MAX3760E/D |
622Mbps Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 622Mbps / Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 8-Bit Registered LVDM Transceiver 64-TSSOP -40 to 85 622Mbps、低噪声互阻前置放大器,用于LAN及WAN光接收器 Quad LVDS Transmitter with Flow-Through Pinout 16-SOIC -40 to 85 ATM/SONET/SDH SUPPORT CIRCUIT, PDSO8 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers ATM/SONET/SDH SUPPORT CIRCUIT, UUC9
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HCF4051 HCF4051B HCF4051BC1 HCF4051BEY HCF4051BF H |
ANALOG MULTIPLEXERS-DEMULTIPLEXERS Multiple RS-232 Drivers And Receivers 20-SSOP 0 to 70 Multiple RS-232 Drivers And Receivers 20-SOIC 0 to 70 Dual Differential Line Driver 16-SO 0 to 70 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 Dual Differential Line Driver 16-SOIC 0 to 70 模拟多路复用器,解复用器 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HIN208E HIN208ECA HIN208ECA-T HIN208ECB HIN208ECB- |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO28 /-15kV ESD-Protected 5V PoweredRS-232 Transmitters/Receivers /-15kV, ESD-Protected, 5V Powered,RS-232 Transmitters/Receivers /-15kV/ ESD-Protected/ 5V Powered/RS-232 Transmitters/Receivers
|
BRILLIANCE SEMICONDUCTOR, Inc. Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX244C_D MAX22010 MAX245C_D MAX241C_D MAX247C_D M |
5V-Powered, Multichannel RS-232 Drivers/Receivers 5 LINE TRANSCEIVER, PQFP44 5V-Powered, Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|