PART |
Description |
Maker |
74FR1074 74FR1074SCX |
FR/FASTR SERIES, DUAL NEGATIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 0.150 INCH, MS-012, SOIC-14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp.
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
NC7SZ175P6 NC7SZ175P6X NC7SZ175 NC7SZ175L6X |
TinyLogic UHS D-Type Flip-Flop LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, DSO6 TinyLogic UHS D-Type Flip-Flop TinyLogic UHS D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74HC273AN MC74HC273ADTR2 MC74HC273ADT MC74HC273 |
Octal D-Type Flip-Flop OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
ON Semiconductor ONSEMI
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
74AUP2G80GD125 74AUP2G80GM125 |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8 Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT902-1 (XQFN8U); Container: Reel Pack, Reverse, Reverse
|
NXP Semiconductors N.V.
|
57401AJ/883B C57401AJ/883B 57401J 57401L 57402J 57 |
DUAL 'D' - TYPE FLIP-FLOP x5 Asynchronous FIFO 7 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS QUAD BILATERAL SWITCH DUAL-J-K MASTER-SLAVE FLIP-FLOP X5的异步FIFO x4 Asynchronous FIFO x4异步FIFO
|
Atmel, Corp. NIC Components, Corp.
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC10H131FNR2G MC10H131MELG MC10H131FNG |
Dual D Type Master−Slave Flip−Flop 10H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC20 Dual D Type Master−Slave Flip−Flop 10H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
ON Semiconductor
|
SY100E131JYTR SY100E131JY SY10E131_06 SY100E131 SY |
4-BIT D FLIP-FLOP 4-BIT D FLIP-FLOP 10E SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC28
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
74VHC273MTC 74VHC273N 74VHC273SJ 74VHC273 74VHC273 |
Octal D-Type Flip-Flop AHC/VHC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|